Part Number Hot Search : 
A1003 09U10 P1101SCL UGFZ10G EA2025 1N5403 TN020 2SC4497
Product Description
Full Text Search
 

To Download UPS1C101MED1TD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors ps series miniature sized, low impedance, for switching power supplies wide temperature range type, miniature sized. compliant to the rohs directive (2002/95/ec). ps pj radial lead type specifications type numbering system (example : 25v 470 f) category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 55 to +105?c (6.3 to 100v), 40 to +105?c (160 to 400v), 25 to +105?c (450v) 6.3 to 450v 0.47 to 15000f 20% at 120hz, 20 ?c printed with white color letter on dark brown sleeve. after storing the capacitors under no load at 105 ? c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. rated voltage (v) 6.3 to 100 160 to 450 leakage current after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4 (a) , whichever is greater. cv < = 1000 : i = 0.1cv+40 (a)max. (1 minute's) cv > 1000 : i = 0.04cv+100 (a)max. (1 minute's) rated voltage ( v) tan ( max. ) 6.3 0.24 10 0.20 16 0.16 25 0.14 35 0.12 50 0.10 63 0.09 100 0.08 160 to 250 0.15 315 350 0.20 400 450 0.25 for capacitance of more than 1000 f , add 0.02 for every increase of 1000 f measurement frequency : 120hz at 20 ?c measurement frequency : 120hz z 25? c / z+20?c rated voltage (v) impedance ratio (max.) 6.3 10 5 16 25 4 35 50 3 63 100 2 3 160 200 3 4 250 3 6 315 350 4 8 400 6 10 450 15 z 40? c / z+20?c z 55? c / z+20?c the specifications listed at right shall be met when the capacitors are restored to 20 ? c after d.c. bias plus rated ripple current is applied for 3000 hours (2000 hours for d= 5 to 10) at 105 ? c , the peak voltage shall not exceed the rated voltage. frequency coefficient of rated ripple current v 6.3 to 100 160 to 450 frequency cap.(f) 0.47 to 47 00 100 to 220 . 330 to 680 . .1000 to 15000 0.47 to 220 0 330 to 470 . 50hz 0.30 0.57 0.75 0.80 0.90 120hz 0.17 0.50 0.71 0.87 1.00 1.00 300hz 0.40 0.65 0.82 0.96 1.25 1.10 1khz 0.65 0.80 0.90 0.98 1.40 1.13 10khz or more 1.00 1.00 1.00 1.00 1.60 1.15 u 1 p 2 s 3 1 4 e 5 4 6 7 7 1 8 m 9 p 10 d 11 12 configuration size code series name type d pressure relief vent d p d 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 18 7.5 0.8 20 22 10.0 10.0 1.0 1.0 25 12.5 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 15 min 4 min (6.3up) l + max. d + max. (l < 20) 1.5 (l 20) 2.0 p 0.5 capacitance tolerance ( 20%) rated capacitance (470f) rated voltage (25v) sleeve ( p.e.t. ) d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 8 10 pd 12.5 to 18 hd 20 to 25 rd configuration (mm) leakage current tan capacitance change less than or equal to the initial specified value 200% or less than the initial specified value within 20% of the initial capacitance value please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. please refer to page 20 about the end seal configulation. (through 100v only) dimension table in next pages. smaller ts long life cat.8100b
4.7 10 22 33 47 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 15000 4r7 100 220 330 470 101 151 221 331 471 681 102 152 222 332 472 682 103 153 5 11 5 11 5 11 5 11 6.3 11 6.3 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 20 12.5 20 16 25 16 25 16 31.5 18 35.5 1.50 1.50 1.50 1.50 0.50 0.50 0.50 0.28 0.19 0.19 0.11 0.075 0.075 0.038 0.038 0.033 0.030 160 160 160 160 250 250 250 410 600 600 1000 1250 1250 1900 1900 2350 2700 6.3 (0j) case size d l (mm) impedance ( ? ) max. 20?c/100khz rated ripple (marms) 105?c/100khz v (code) item code standard ratings d l (mm) ps series aluminum electrolytic capacitors 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 18 35.5 18 40 1.50 1.50 1.50 1.50 0.50 0.50 0.28 0.28 0.19 0.14 0.11 0.075 0.057 0.038 0.033 0.030 0.027 160 160 160 160 250 250 410 410 600 800 1000 1250 1550 1900 2350 2700 3300 10 (1a) case size d l (mm) impedance ( ? ) max. 20?c/100khz rated ripple (marms) 105?c/100khz 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 18 35.5 18 40 1.50 1.50 1.50 1.50 0.50 0.50 0.28 0.28 0.19 0.14 0.11 0.075 0.057 0.038 0.033 0.030 0.027 160 160 160 160 250 250 410 410 600 800 1000 1250 1550 1900 2350 2700 3300 16 (1c) case size d l (mm) impedance ( ? ) max. 20?c/100khz rated ripple (marms) 105?c/100khz 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 12.5 20 16 25 16 25 16 31.5 18 35.5 18 40 1.50 1.50 1.50 1.50 1.50 0.50 0.28 0.28 0.19 0.14 0.11 0.075 0.038 0.038 0.033 0.030 0.027 160 160 160 160 160 250 410 410 600 800 1000 1250 1900 1900 2350 2700 3300 25 (1e) case size d l (mm) impedance ( ? ) max. 20?c/100khz rated ripple (marms) 105?c/100khz 0.47 1 2.2 3.3 4.7 10 22 33 47 100 150 220 330 470 680 1000 1500 2200 3300 4700 r47 010 2r2 3r3 4r7 100 220 330 470 101 151 221 331 471 681 102 152 222 332 472 5 11 5 11 5 11 5 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 18 35.5 18 40 1.50 1.50 1.50 1.50 0.50 0.28 0.28 0.19 0.14 0.11 0.075 0.057 0.038 0.033 0.030 0.027 160 160 160 160 250 410 410 600 800 1000 1250 1550 1900 2350 2700 3300 35 (1v) case size d l (mm) impedance ( ? ) max. 20?c/100khz rated ripple (marms) 105?c/100khz v (code) item code 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 18 35.5 7.50 5.30 4.50 3.90 3.50 2.10 1.80 0.65 0.65 0.36 0.26 0.18 0.15 0.13 0.10 0.058 0.040 0.035 25 40 55 65 90 120 150 250 250 340 490 650 810 1100 1200 1600 2000 2300 50 (1h) case size d l (mm) impedance ( ? ) max. 20?c/100khz rated ripple (marms) 105?c/100khz 5 11 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 18 35.5 18 40 4.70 2.10 0.98 0.71 0.65 0.31 0.25 0.20 0.12 0.081 0.058 0.049 0.038 0.032 68 110 180 220 310 390 440 700 980 1200 1300 1380 1750 2120 63 (1j) case size d l (mm) impedance ( ? ) max. 20?c/100khz rated ripple (marms) 105?c/100khz 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 20 12.5 25 16 25 16 25 16 31.5 16 35.5 18 40 43.0 20.0 9.80 6.60 4.60 1.80 0.68 0.46 0.37 0.18 0.13 0.10 0.090 0.076 0.064 0.047 20 30 44 58 74 130 230 320 420 580 710 890 1080 1310 1410 1520 100 (2a) case size d l (mm) impedance ( ? ) max. 20?c/100khz rated ripple (marms) 105?c/100khz size 20 31 is available for capacitors marked " " size 20 35 is available for capacitors marked " ? " in this case, 6 will be put at 12th digit of type numbering system. rated ripple current (marms ) at 105 ? c 120hz 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 6.3 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 20 12.5 20 12.5 25 16 25 18 35.5 20 40 22 50 12 17 25 36 43 70 130 180 220 330 500 900 1200 2c 160 2d 200 2e 250 2f 315 2v 350 2g 400 2w 450 6.3 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 12.5 25 16 31.5 ?18 40 22 40 22 50 12 17 25 36 50 80 140 190 220 335 515 1100 1310 10 12.5 10 20 12.5 20 12.5 20 16 25 16 31.5 18 35.5 20 40 25 50 18 29 41 49 75 115 145 175 350 6.3 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 12.5 25 16 25 18 35.5 20 40 22 50 25 50 12 17 29 42 50 88 155 190 230 340 525 1150 1350 8 11.5 8 11.5 10 12.5 10 12.5 10 16 10 20 12.5 25 16 25 16 35.5 ?18 40 22 50 11 16 28 34 45 72 120 155 190 285 540 8 11.5 10 12.5 10 16 10 16 10 20 12.5 20 16 25 16 31.5 18 35.5 20 40 25 50 11 17 31 38 49 82 130 160 200 290 550 10 12.5 10 16 10 20 10 20 12.5 25 16 25 16 31.5 18 35.5 22 50 16 27 36 43 72 110 140 170 350 cap.(f) code cap. (f) cap. (f) v rated ripple case size d l (mm) cat.8100b


▲Up To Search▲   

 
Price & Availability of UPS1C101MED1TD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X